|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET alfpage M3D070 BBY62 UHF variable capacitance double diode Product specification Supersedes data of November 1993 1996 May 03 Philips Semiconductors Product specification UHF variable capacitance double diode FEATURES * Excellent linearity * Small plastic SMD package * C28:1.9 pF; ratio: 8.3. handbook, halfpage 4 BBY62 3 4 3 APPLICATIONS * Electronic tuning in UHF television tuners * VCO. 1 2 1 2 DESCRIPTION Top view MAM172 The BBY62 is a variable capacitance double diode, fabricated in planar technology, and encapsulated in the SOT143 small plastic SMD package. The diodes are not electrically connected to one another. Marking code: S4. Fig.1 Simplified outline (SOT143), pin configuration and symbol. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature operating junction temperature PARAMETER - - -55 -55 MIN. MAX. 30 20 +150 +125 V mA C C UNIT ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL IR rs Cd C d ( 1V ) -------------------C d ( 28V ) Note 1. VR is the value at which Cd = 9 pF. PARAMETER reverse current diode series resistance diode capacitance capacitance ratio CONDITIONS VR = 28 V; see Fig.3 VR = 28 V; Tj = 85 C; see Fig.3 f = 470 MHz; note 1 VR = 1 V; f = 1 MHz; see Figs 2 and 4 f = 1 MHz MIN. - - - - - TYP. - - - 16.5 - 8.3 MAX. 10 200 1.2 - 2 - UNIT nA nA pF pF VR = 28 V; f = 1 MHz; see Figs 2 and 4 1.6 1996 May 03 2 Philips Semiconductors Product specification UHF variable capacitance double diode GRAPHICAL DATA BBY62 MBE874 handbook, full pagewidth 20 Cd (pF) 16 12 8 4 0 10 -1 f = 1 MHz; Tj = 25 C. 1 10 VR (V) 10 2 Fig.2 Diode capacitance as a function of reverse voltage; typical values. 10 3 handbook, halfpage MLC816 10 3 handbook, halfpage MLC815 IR (nA) TC d (K-1) 102 10 4 10 0 50 T j ( C) o 100 10 5 10 1 1 10 VR (V) 102 Fig.4 Fig.3 Reverse current as a function of junction temperature; maximum values. Temperature coefficient of diode capacitance as a function of reverse voltage; typical values. 1996 May 03 3 Philips Semiconductors Product specification UHF variable capacitance double diode PACKAGE OUTLINE BBY62 handbook, full pagewidth 0.75 0.60 0.150 0.090 4 0.1 max 10 max o 3.0 2.8 1.9 3 B A 0.2 M A B 10 max o 1.4 1.2 2.5 max 1 1.1 max o 2 0.1 M A B 30 max 0.88 0 0.1 1.7 0.48 0 0.1 MBC845 TOP VIEW Dimensions in mm. Fig.5 SOT143. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. 1996 May 03 4 |
Price & Availability of BBY62 |